PART |
Description |
Maker |
MAX414409 MAX4146 |
High-Speed, Low-Distortion, Differential Line Receivers
|
Maxim Integrated Products
|
HLMP-D640 HLMP-D400 HLMP-D401 HLMP-D600 HLMPD401B4 |
T-1 3/4 (5mm) SOLID STATE LAMPS PURE GREEN T-1 3/4 (5mm) SOLID STATE LAMPS SOFT ORANGE Pure Green Tinted T-1 3/4 (5 mm) Solid State Lamp T-1 3/4 5mm SOLID STATE LAMPS Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-MSOP -40 to 85 Low-Distortion High-Speed Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 85
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
HLMP-K155 HLMP-K150 HLMP-D150A HLMP-D150 HLMP-D155 |
Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-MSOP -40 to 85 DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
|
QT[QT Optoelectronics]
|
MAX4444 MAX4444ESE MAX4445ESE |
Ultra-High-Speed / Low-Distortion / Differentialto- Single-Ended Line Receivers with Enable Ultra-High-Speed, Low-Distortion, Differentialto- Single-Ended Line Receivers with Enable
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
HFA1110_883 FN3620 HFA1110MJ_883 HFA1110MJ/883 HFA |
750MHz, Low Distortion Unity Gain, Closed Loop Buffer FN3620.2 750MHz, Low Distortion 750MHz, Low Distortion From old datasheet system XO 156.25MHZ 50PPM 3.3V 15PF-LOAD SMD-7050 TR-7-PL
|
Intersil Corporation
|
HA5320 HA5320883 HA1-5320883 HA4-5320883 HA5340883 |
High Speed Precision Sample and Hold Amplifier High Speed/ Low Distortion/ Precision Monolithic Sample and Hold Amplifier
|
INTERSIL[Intersil Corporation]
|
ADA4899-1YRDZ ADA4899-1-16 ADA4899-1YCPZ-R2 ADA489 |
Unity-Gain Stable, Ultralow Distortion, 1 nV/?Hz Voltage Noise, High Speed Op Amp
|
Analog Devices
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
GMK212BLD225KG-T |
Low Distortion High Value Multilayer Ceramic Capacitors(CF_LD)
|
Taiyo Yuden (U.S.A.), I...
|